PART |
Description |
Maker |
6298 |
3M Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use.
|
3M Electronics
|
VTC5262B1K |
Long life C-Band TWT suitable for use in weather radars.
|
Communications & Power Industries, Inc.
|
OSV5YL7331A |
1.8mm Tower Violet LED Superior Weather-resistance High Luminous LEDs
|
OptoSupply International
|
FSJ260D1 FSJ260D3 FSJ260R FSJ260R1 FSJ9160 FSJ9160 |
44A/ 200V/ 0.050 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs 44A/ -100V/ 0.055 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 55A/ -60V/ 0.029 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil
|
OSV4YL5111A |
5mm Violet LED Superior Weather-resistance 5mm Standard Directivity
|
OptoSupply International
|
PV7F2Y0NSG-201 PV7F2T0NSG-201 PV7F2Y0NSG-203 PV7F2 |
Vandal and Water Resistant, TEMPERATURE: -20°C to 70°C, CONTACT RESISTANCE: 50mOHM Max. Vandal and Water Resistant, TEMPERATURE: -20掳C to 70掳C, CONTACT RESISTANCE: 50mOHM Max. Vandal and Water Resistant, TEMPERATURE: -20隆?C to 70隆?C, CONTACT RESISTANCE: 50mOHM Max.
|
http:// E-SWITCH
|
JANSR2N7408 FN4637 |
Quadruple 2-Input Positive-NAND Gates 14-VQFN -40 to 85 Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs From old datasheet system Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant,N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
FSS230R FSS230D FN4054 FSS230R4 FSS230D1 FSS230D3 |
RC NETWORK 220 OHM/100PF 5% SMD 8 A, 200 V, 0.44 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AA 8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs From old datasheet system 8A,200V,0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 8A/ 200V/ 0.440 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MN-TM93-03XA5 MN-TM93-04XA5 MN-TM94-02XC5 MN-TM96- |
PVC, UL 300 V, cold resistant (- 40掳C) PVC, UL 300 V, cold resistant (- 40°C)
|
SHIELD s.r.l. http://
|
FSGYC260D1 FSGYC260R FSGYC260R3 FSGYC260R4 FN4851 |
From old datasheet system Radiation Hardened, SEGR Resistant N-Channel Power MOSFET Radiation Hardened/ SEGR Resistant N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FSYA150R4 FSYA150D FSYA150D1 FSYA150D3 FSYA150R FS |
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 39 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|